Part Number Hot Search : 
AP01N60H SCPAR2F 473ML LN473YPH A25TB60 2SD2536 TLP862 MPX53GP
Product Description
Full Text Search
 

To Download EZ1082CT-XXT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10.0A Positive Voltage Regulator
POWER MANAGEMENT Description
The EZ1082 is a high performance positive voltage regulator designed for use in applications requiring low dropout performance at 10A. Additionally, the EZ1082 provides excellent regulation over variations in line, load and temperature. Features include 1.4V dropout at 10A, fast transient response, internal current limiting and thermal shutdown protection of the output device. The EZ1082 series are three terminal regulators with fixed and adjustable voltage options available in the popular TO-220 package. The EZ1082 is an excellent choice for powering microprocessor systems. Using an LDO eliminates MOSFETs and inductors saving both space and cost. An LDO also provides better transient response with no ripple to the load.
EZ1082
Features
Low dropout performance, 1.4V max. Full current rating over line and temperature Fast transient response 2% total output regulation over line, load and temperature Adjust pin current max 90A over temperature Fixed/adjustable output voltage Line regulation typically 0.015% Load regulation typically 0.05% TO-220 3 pin package. Available in Pb-free plating, RoHS compliant
Applications
High current microprocessor supplies Post regulators Microprocessor systems Medical equipment Embedded systems Post regulation for switching supplies Telecommunication systems
Typical Application Circuit
Fixed Voltage Regulator
U1 VIN > 4.75V 3 IN EZ1082-3.3 2 TAB OUT VOUT = 3.3V
+
C1 10uF Tant.
GND 1
+
C2 10uF Tant. Min.
Adjustable Voltage Regulator
U1 VIN > 4.75V 3 IN TAB EZ1082 OUT 2 VOUT = 3.45V
+
C1 10uF Tant.
ADJ 1
R1 133 Ohm, 1%
+
C2 10uF Tant. Min
Notes: (1) C1 needed if device is far from filter capacitors (2) C2 minimum value required for stability
Revision: August 1, 2007 1
R2 232 Ohm, 1%
R2 VOUT = VREF * 1 + + I ADJ * R 2 R1
www.semtech.com
EZ1082
POWER MANAGEMENT Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not implied.
Parameter Input Supply Voltage Power Dissipation Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering) 10 Sec.
Symbol VIN PD J C J A TJ TSTG TLEAD
Maximum 7 Internally Limited 3 50 0 to 125 -65 to 150 300
Units V W C/W C/W C C C
Electrical Characteristics
Unless otherwise specified: Adj. VIN = 2.75V to 7.0V and Adj. IO = 10mA to 10.0A; Fixed VIN = 4.75 to 7.0V and Fixed IO = 0 mA to 10.0A
Parameter Output Voltage
(1)
Symbol VO
VIN 5V
IO OmA
TJ(4) 25C O.T.
Min 0.99lVOl 0.98lVOl 1.238 1.225
Typ VO VO 1.250 1.250 0.015 0.035 0.05 0.2 1.2 1.2
Max 1.01lVOl 1.02lVOl 1.262 1.275 0.2 0.2 0.3 0.4
Units V
Fixed Voltage Version Reference Voltage
(1)
VREF
5V
10mA
25C O.T.
V
Adj Voltage Version Line Regulation (1) REG(LINE) 10mA
25C O.T.
%
Load Regulation (1)
REG(LOAD)
5V
25C O.T.
%
Dropout Voltage VOUT, VREF = 1% Current Limit Quiescent Current Fixed Voltage Version Temperature Coefficient
VD
25C O.T.
V 1.4 A 14 mA %/C
ICL IQ TC 5V
O.T. O.T. O.T.
10.0
12 12 0.005
2007 Semtech Corp.
2
www.semtech.com
EZ1082
POWER MANAGEMENT Electrical Characteristics (Cont.)
Parameter Adjust Pin Current Symbol IADJ VIN IO TJ(4) 25C O.T. Adjust Pin Current Change Temperature Stability Minimum Load Current Adj Voltage Version RMS Output Noise(2) Ripple Rejection Ratio(3) IADJ TS IO VN RA 5V 10.0A 5V 5V 0.5A O.T. O.T. O.T. 25C O.T. 60 0.2 0.5 5 0.003 72 10 Min Typ 55 90 5 A % mA %VO dB Max Units A
NOTES: (1) Low duty cycle pulse testing with Kelvin connections required. (2) Bandwidth of 10 Hz to 10 kHz. (3) 120 Hz input ripple (CADJ for ADJ = 25F). (4) Over Temp. (O.T.) = over specified operating junction temperature range.
2007 Semtech Corp.
3
www.semtech.com
EZ1082
POWER MANAGEMENT Pin Configuration Ordering Information
Device(1)(2)
EZ1082CT-X.XT
Package(3) TO-220
Notes: (1) Where X.X denotes voltage options. Available voltages are: 2.5V and 3.3V. Leave blank for adjustable version (1.3 to 5.7V). Contact factory for additional voltage options. (2) Only available in tube packaging. A tube contains 50 devices. (3) Available in Pb-free plating, RoHS compliant.
Block Diagram
2007 Semtech Corp.
4
www.semtech.com
EZ1082
POWER MANAGEMENT Outline Drawing - TO-220
OP BA B A E2 E/2 Q H1 D2 D D1 L1 L E A A1 SEATING PLANE
aaa
DIM
A A1 A2 b b2 c D D1 D2 E E1 E2 e e1 H1 L L1 N OP Q aaa bbb ccc
DIMENSIONS MILLIMETERS INCHES MIN NOM MAX MIN NOM MAX
.190 3.56 4.82 .055 0.51 1.40 .115 2.03 2.92 .027 .040 0.38 0.69 1.02 .057 .070 1.14 1.45 1.78 .024 0.36 0.61 .650 14.22 16.51 .355 8.38 9.02 .507 12.19 12.88 .420 9.65 10.66 .350 6.86 8.90 .030 0.76 .100 BSC 2.54 BSC .200 BSC 5.08 BSC .230 .270 5.84 6.86 .580 12.70 14.73 .500 .250 6.35 3 3 .139 .156 3.53 3.96 .120 2.54 3.05 .100 .014 0.36 .015 0.38 .010 0.25 .140 .020 .080 .015 .045 .014 .560 .330 .480 .380 .270 -
C
c 3 x b2 3xb bbb 2x e e1
NOTES: 1. CONTROLLING DIMENSIONS ARE IN INCHES. 2. DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
A2 BA
E1 ccc BA
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2007 Semtech Corp.
5
www.semtech.com


▲Up To Search▲   

 
Price & Availability of EZ1082CT-XXT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X